Part Number Hot Search : 
VSK2035 ATA60 PP80N0 T7600 W219B FT821X D115E D115E
Product Description
Full Text Search
 

To Download FO1000PS7P05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIL-DTL-38999 Connectors Custom Lengths Available
Glenair ASAP Fiber Optic Cable Sets Rugged Overmolded
D38999 Series III to D38999 Series III
PRODUCT FEATURES
Harsh Environment Polyurethane Overmolding (Viton(R) and Neoprene Available) Singlemode or Multimode Fiber Media D38999 Series III Connectors in Aluminum, Composite or Stainless Steel Plug, Jam-Nut Receptacle, In-Line and Wall-Mount Receptacle Configurations Military Standard Dust Caps and Connector Accessories MIL-PRF-29504 Approved Termini Multichannel Capability: From 2 to 37 Channels Robust, Flexible and Crush Resistant
The World's Only Short Lead-Time Source for Harsh Environment Overmolded F/O Cable Assemblies
Glenair's overmolded cable assemblies are specifically designed to protect fiber optic and hybrid fiber/copper cables from the effects of moisture, heat, caustic chemicals and mechanical stress conditions. Glenair has been manufacturing these unique overmolded designs in fiber since 1984, and has produced tens of thousands of cables with zero real-time failures. Overmolding (as opposed to shrink boots or other sealing materials) brings added strength and environmental protection to critical interconnect systems. The overmolding process effectively isolates the transmission media from contaminating elements and protects the media from abrasion damage. Glenair's ASAP Overmolded Fiber Optic Assemblies are available with our full line of composite thermoplastic and metal alloy connectors. Polyurethane is the applied standard overmolding. For other overmolding material types such as Viton(R) or Neoprene, please consult the factory. The turnkey assembly includes custom extruded cable, Glenair Backshell, MIL-DTL-38999 Style Connectors, MIL-PRF-29504 Termini, Mil-Spec Dust-Caps and customer specified marking and labeling. Please specify minor customizations on your purchase order.
Overmolded Cable Assemblies
(c) 2006 Glenair, Inc. www.glenair.com
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com B-34
Glenair ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
D38999 Series III to D38999 Series III
CONNECTOR END
A
CONNECTOR END
B
LENGTH
L
Reference Part Number Development: FO1000 P 05 P 06 J 04 - 62 - 100 L
Basic Part Number A Terminus Type P = Pin Terminus S = Socket Terminus A Connector Type 05 = D38999 Style In-Line Receptacle 06 = D38999/26 Style Plug 08 = D38999/24 Style Jam-Nut Receptacle H7 = D38999/20 Style Wall Mount Receptacle (Std.) S7 = D38999/20 Style Wall Mount Receptacle (Slotted) T7 = D38999/20 Style Wall Mount Receptacle (Tapped) B Terminus Type P = Pin Terminus S = Socket Terminus B Connector Type 05 = D38999 Style In-Line Receptacle 06 = D38999/26 Style Plug 08 = D38999/24 Style Jam-Nut Receptacle H7 = D38999/20 Style Wall Mount Receptacle (Std.) S7 = D38999/20 Style Wall Mount Receptacle (Slotted) T7 = D38999/20 Style Wall Mount Receptacle (Tapped) Connector Class F = Aluminum, Electroless Nickel Plating J = Composite, Olive Drab Cadmium Plating K = Stainless Steel, Passivated M = Composite, Electroless Nickel Plating W = Aluminum, Olive Drab Cadmium Plating Protective Covers L = Less Covers Omit for with Covers Length in Feet Fiber Size 09 = 9.3/125 Singlemode 50 = 50/125 Multimode 62 = 62.5/125 Multimode 10 = 100/140 Multimode 20 = 200/230 Multimode Number of Fibers* 02 = 2 Fibers (Shell Size 11) 04 = 4 Fibers (Shell Size 13) 05 = 5 Fibers (Shell Size 15) 08 = 8 Fibers (Shell Size 17) 11 = 11 Fibers (Shell Size 19) 16 = 16 Fibers (Shell Size 21) 21 = 21 Fibers ( Shell Size 23) 29 = 29 Fibers (Shell Size 25) 37 = 37 Fiber (Shell Size 25)
Standard Cable Make-Up: 2mm Jacketed Fiber, Polyurethane Jacketing and Overmolding, Kevlar Reinforcement, Nominal Temperature Range -40 to +85C. Please Reference Special Marking, Labels Or Other Identification Specifications on Your Purchase Order
*See Page B-10 for Insert Arrangements. Please Consult Factory for Alternative Overmolding Materials Such As Viton(R) or Neoprene. Part Numbering is for Reference Purposes Only. A Unique Glenair Part Number Will Be Assigned to Your Cable Order.
(c) 2006 Glenair, Inc. www.glenair.com CAGE Code 06324 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com B-35
MIL-DTL-38999 Connectors


▲Up To Search▲   

 
Price & Availability of FO1000PS7P05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X